Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX3968C/DW Datasheet(PDF) 8 Page - Maxim Integrated Products

No. de pieza MAX3968C/DW
Descripción Electrónicos  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3968C/DW Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3968C/DW Datasheet HTML 4Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 5Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 6Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 7Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 8Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 9Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 10Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 11Page - Maxim Integrated Products MAX3968C/DW Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
8
_______________________________________________________________________________________
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
VCC
VCCO
LOS+
FILTER
INV
VTH
TOP VIEW
LOS-
OUT-
OUT+
VCCO
SUB
IN+
IN-
RSSI
12
11
9
10
CZN
CZP
GND
GND
QSOP
MAX3964
MAX3968
SQUELCH
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
VCC
GNDO
LOS+
FILTER
INV
VTH
LOS-
OUT-
OUT+
VCCO
SUB
IN+
IN-
RSSI
12
11
9
10
CZN
CZP
GND
GND
QSOP
MAX3965
SQUELCH
Pin Configurations
13
12
11
14
15
OUT+
OUT-
LOS-
LOS+
VCCO
4
3
2
1
IN-
RSSI
FILTER
INV
5
IN+
MAX3964ETP
TOP VIEW
20 THIN QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com