| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATR2812SF/ES Datasheet(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
ATR2812SF/ES Datasheet(HTML) 7 Page - International Rectifier |
|
7 / 8 page ![]() www.irf.com 7 ATR28XXD Series Pin Designation ATR28XXD Case Outlines Flanged Non-Flanged Part Numbering 2.550 1.110 0.040 D X 0.26 L P ins 4 X 0.400 =1.600 2.880 Max 2.110 Max 0.390 Max 0.050 0.800 2.110 0.390 Max Ø 0.162 2 H oles Pin No. Designation 1 Positive Input 2 Inhibit Input 3 Positive Output 4 Output Return 5 Negative Output 6 N/C 7 N/C 8 Case 9 Sync. 10 Input Return ATR 28 15 S F / CH Model Input Voltage 28 = 28V Nominal Output Voltage Single - 05, 12, 15VDC Dual - 12 = ±12V, 15 = ±15V Triple - 12 = 5V, ±12V 15 = 5V, ±15V Outputs S = Single D = Dual T = Triple Screening – , ES, HB, CH Package Style F = Flange Omit for Non-flange |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |