Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

3000689 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 3000689
Descripción Electrónicos  COMBI receptacle - PPC 6-NS/1-L
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3000689 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3000689 Datasheet HTML 1Page - PHOENIX CONTACT 3000689 Datasheet HTML 2Page - PHOENIX CONTACT 3000689 Datasheet HTML 3Page - PHOENIX CONTACT 3000689 Datasheet HTML 4Page - PHOENIX CONTACT 3000689 Datasheet HTML 5Page - PHOENIX CONTACT 3000689 Datasheet HTML 6Page - PHOENIX CONTACT 3000689 Datasheet HTML 7Page - PHOENIX CONTACT 3000689 Datasheet HTML 8Page - PHOENIX CONTACT 3000689 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
https://www.phoenixcontact.com/pi/products/3000689
06/30/2020   Page 2 / 17
COMBI receptacle - PPC 6-NS/1-L - 3000689
Technical data
General
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum power dissipation for nominal condition
1.31 W
Maximum load current
41 A (with 6 mm² conductor cross section)
Nominal current IN
41 A
Nominal voltage UN
1000 V
Open side panel
Yes
Result of surge voltage test
Test passed
Result of power-frequency withstand voltage test
Test passed
Power frequency withstand voltage setpoint
4.26 kV
Result of tight fit on support
Test passed
Tight fit on carrier
NS 35
Setpoint
5 N
Short circuit stability result
Test passed
Conductor cross section short circuit testing
6 mm²
Short-time current
0.72 kA
Result of thermal test
Test passed
Proof of thermal characteristics (needle flame) effective duration
30 s
Oscillation, broadband noise test result
Test passed
Test specification, oscillation, broadband noise
DIN EN 50155 (VDE 0115-200):2008-03
Test spectrum
Service life test category 1, class B, body mounted
Test frequency
f1 = 5 Hz to f2 = 150 Hz
ASD level
0.964 (m/s2)2/Hz
Acceleration
0.58 g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Shock test result
Test passed
Test specification, shock test
DIN EN 50155 (VDE 0115-200):2008-03
Shock form
Half-sine
Acceleration
5g
Shock duration
30 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
125 °C
Static insulating material application in cold
-60 °C
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com