Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BA158WS Datasheet(PDF) 1 Page - Rectron Semiconductor

No. de pieza BA158WS
Descripción Electrónicos  Surface Mount Fast Recovery Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECTRON [Rectron Semiconductor]
Página de inicio  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BA158WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  BA158WS Datasheet HTML 1Page - Rectron Semiconductor BA158WS Datasheet HTML 2Page - Rectron Semiconductor BA158WS Datasheet HTML 3Page - Rectron Semiconductor BA158WS Datasheet HTML 4Page - Rectron Semiconductor BA158WS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Fast Recovery Rectifiers
Features
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering 260
/10 seconds at terminals
Mechanical Date
Case: SOD-323 molded plastic body over glass passivated chip
Terminals: Solder plated, solderable per JESD22-B102
Polarity: Laser band denotes cathode end
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.036 x 0.06” (0.9 x 1.5mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
μA
Tj=125
50
nS
Reverse recovery time
IF=0.5A IR=1A,
Irr=0.25A
trr
150
250
500
Maximum reverse current
VR=VDC
Tj=25
IR
5
UNIT
Instantaneous forward
voltage
IF=0.5A
(2)
VF
1.3
V
Items
Test conditions
Symbol
/ W
Operating junction and storage temperature
range
TJ TSTG
–55 to +125
Maximum average forward rectified current
IF(AV)
0.5
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
10
A
Maximum DC blocking voltage
VDC
Maximum RMS voltage
VRMS
V
Maximum repetitive peak reverse voltage
VRRM
BA158WS
UNIT
Items
Symbol
BA157WS
(1)
35
Thermal resistance from junction to lead
RθJL
Weight: 0.0063gram
400
600
1000
V
280
420
700
V
400
600
1000
BA159WS
BA158WS
BA157WS
BA159WS
BA157WS
THRU
BA159WS
SOD-323
Marking:
3FG
BA157WS-------3FG
BA158WS-------3FJ
BA159WS-------3FM
Typical Current Squared Time
I T
2
0.415
A S
2
2020-11/08
REV:A


Número de pieza similar - BA158WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
BA158WS RECTRON-BA158WS Datasheet
492Kb / 5P
Surface Mount Fast Recovery Rectifiers
2020-11/08 REV:O
BA158WSV RECTRON-BA158WSV Datasheet
492Kb / 5P
Surface Mount Fast Recovery Rectifiers
2020-11/08 REV:O
More results

Descripción similar - BA158WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com