| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLC-7E2-S/Q Datasheet(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLC-7E2-S/Q Datasheet(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 9 page ![]() MODEL: DLC http://www.m-system.co.jp/ DLC SPECIFICATIONS ES-6512 Rev.11 Page 7/9 FUNCTION BLOCK DIAGRAM Multi-Xmission Interface 6 7 8 9 4 5 Isolation Circuit Isolation Circuit 1 2 Network CPU Common RAM or Latching Circuit RAM EP ROM UART I/O Controller RUN Controller I/O Driver I/O TERMINALS MODULAR JACK Watch-dog RUN Relay Contact POWER TERMINALS MULTI-XMISSION TERMINALS RUN LED Station No. Set SW Contact I/O Indicator LEDs I/O CPU RUN LED POWER LED * ** *** * Not included with codes G1, P1, R1 or S1. ** Not included with codes A1, A2, C1, C2, C3, C4, E1 or E2. *** Not included when there is no process I/O. **** Not included with codes G1, M1 or R1. ** **** SYSTEM CONFIGURATION EXAMPLES 1. Minimum System Configuration RS-232-C This module (with process I/O) process I/O |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |