| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC30F2011 Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011 Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 207 page ![]() © 2005 Microchip Technology Inc. Preliminary DS70139C-page 13 dsPIC30F2011/2012/3012/3013 FIGURE 1-4: dsPIC30F3013 BLOCK DIAGRAM AN8/OC1/RB8 AN9/OC2/RB9 Power-up Timer Oscillator Start-up Timer POR/BOR Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI MCLR VDD, VSS AN4/CN6/RB4 Low Voltage Detect UART1, Timing Generation AN5/CN7/RB5 16 PCH PCL Program Counter ALU<16> 16 24 24 24 24 X Data Bus IR I2C AN6/OCFA/RB6 EMUD2/AN7/RB7 PCU 12-bit ADC Timers UT2X/CN18/RF5 SCK1/INT0/RF6 Input Capture Module Output Compare Module EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 EMUD3/AN0/VREF+/CN2/RB0 PORTB PGC/EMUC/U1RX/SDI1/SDA/RF2 PGD/EMUD/U1TX/SDO1/SCL/RF3 PORTD 16 16 16 16 x 16 W Reg Array Divide Unit Engine DSP Decode ROM Latch 16 Y Data Bus Effective Address X RAGU X WAGU Y AGU AN2/SS1/LVDIN/CN4/RB2 AN3/CN5/RB3 OSC2/CLKO/RC15 U2RX/CN17/RF4 AVDD, AVSS UART2 16 16 16 16 16 PORTC PORTF 16 16 16 16 8 Interrupt Controller PSV & Table Data Access Control Block Stack Control Logic Loop Control Logic Data Latch Data Latch Y Data (1 Kbytes) RAM X Data RAM Address Latch Address Latch EMUC2/IC1/INT1/RD8 IC2/INT2/RD9 16 EMUC3/AN1/VREF-/CN3/RB1 SPI1 16 (1 Kbytes) Address Latch Program Memory (24 Kbytes) Data Latch Data EEPROM (1 Kbytes) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |