Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HMC394LP4E Datasheet(PDF) 3 Page - Analog Devices

No. de pieza HMC394LP4E
Descripción Electrónicos  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

HMC394LP4E Datasheet(HTML) 3 Page - Analog Devices

  HMC394LP4E Datasheet HTML 1Page - Analog Devices HMC394LP4E Datasheet HTML 2Page - Analog Devices HMC394LP4E Datasheet HTML 3Page - Analog Devices HMC394LP4E Datasheet HTML 4Page - Analog Devices HMC394LP4E Datasheet HTML 5Page - Analog Devices HMC394LP4E Datasheet HTML 6Page - Analog Devices HMC394LP4E Datasheet HTML 7Page - Analog Devices HMC394LP4E Datasheet HTML 8Page - Analog Devices HMC394LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 3
2nd Harmonic,
Pin= 0 dBm, T= 25 °C
3rd Harmonic,
Pin= 0 dBm, T= 25 °C
4th Harmonic,
Pin= 0 dBm, T= 25 °C
5th Harmonic,
Pin= 0 dBm, T= 25 °C
Output Voltage Wavform, Fin= 1 GHz,
N= 2, Pin= 0 dBm, T= 25 °C
Output Voltage Wavform, Fin= 1 GHz,
N= 17, Pin= 0 dBm, T= 25 °C
-100
0
100
200
300
400
500
48
50
52
54
56
58
60
62
64
66
68
70
TIME (nS)
-30
-25
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
-300
-200
-100
0
100
200
300
38
38.5
39
39.5
40
40.5
41
TIME (nS)
-30
-25
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
INPUT FREQUENCY (GHz)
N=2
N=4
N=8
N=32
N=16
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
HMC394LP4 / 394LP4E
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v09.0114
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com