Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP450AS Datasheet(PDF) 1 Page - Anachip Corp

No. de pieza AP450AS
Descripción Electrónicos  2 Channel Linear Controller with Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANACHIP [Anachip Corp]
Página de inicio  
Logo ANACHIP - Anachip Corp

AP450AS Datasheet(HTML) 1 Page - Anachip Corp

  AP450AS Datasheet HTML 1Page - Anachip Corp AP450AS Datasheet HTML 2Page - Anachip Corp AP450AS Datasheet HTML 3Page - Anachip Corp AP450AS Datasheet HTML 4Page - Anachip Corp AP450AS Datasheet HTML 5Page - Anachip Corp AP450AS Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP450
2 Channel Linear Controller with Enable Function
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Sep 7, 2004
1/6
Features
- 2 Channel Linear Control Circuitries
- Operating voltage can be up to 20V
- Under voltage Lockout (UVLO) Protection
- Current Limit
- Over Voltage Protection
- Power Good Function
- 1.25V/0.8V internal voltage reference
- 8-pin PDIP and SOP Pb-Free packages
Applications
- Backlight inverter
- LCD Monitor
- XDROM, XDSL Product
General Description
The AP450 series integrates two channel linear
controllers into a single chip, mainly designs for
power-supply regulator. All the functions included
an on-chip 1.25V/0.8V reference output, error
amplifier, UVLO, current limit. During low VCC
situation, the UVLO makes sure that the outputs
are off until the internal circuit is operational
normally.
Pin Assignment
SOP-8L/PDIP-8L
1
2
3
45
6
7
8
(Top View)
EN1/2
FB1
AP450
OUT1
FB2
OUT2
V
REF
GND
Vcc
Pin Descriptions
Pin
Name
Pin
No.
Description
GND
1
Signal Ground
EN1/2
2
Channel 1/2 Enable Pin
OUT1
3
Linear Controller CH1output
FB1, 2
4, 5
Voltage Feedback
OUT2
6
Linear Controller CH2 output
VREF
7
1.25V/0.8V Output
Vcc
8
Supply Voltage
Ordering Information
AP450 X X X
Package
Packing
N: PDIP-8L
S: SOP-8L
Blank: Tube
A : Taping
Bandgap Version
A: 1.25V
BG
B: 0.8V
BG


Número de pieza similar - AP450AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Electron...
AP4500GM A-POWER-AP4500GM Datasheet
94Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4500GM-HF A-POWER-AP4500GM-HF Datasheet
125Kb / 7P
Simple Drive Requirement, Low Gate Charge
AP4500GM-HF A-POWER-AP4500GM-HF_14 Datasheet
125Kb / 7P
Simple Drive Requirement
AP4500GM-HF A-POWER-AP4500GM-HF_16 Datasheet
88Kb / 8P
Fast Switching Performance
AP4500GM A-POWER-AP4500GM_14 Datasheet
125Kb / 7P
Simple Drive Requirement
More results

Descripción similar - AP450AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS5127 CHERRY-CS5127 Datasheet
293Kb / 24P
Dual Output Nonsynchronous Buck Controller with Sync Function and Second Channel Enable
Rev. 11/3/98
logo
Anachip Corp
AP451 ANACHIP-AP451 Datasheet
183Kb / 6P
2 Channel Linear Controller with Independent Enable Function
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
200mA Dual Channel CMOS LDO with Enable Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
BCD Semiconductor Manuf...
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
1.6x Linear Fan Driver with Enable Function
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
600mA CMOS LDO with Enable Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
300mA Linear Regulator with Enable And Fast Discharge Function
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com