Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

S5KBH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza S5KBH
Descripción Electrónicos  5A, 400V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S5KBH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S5KBH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S5KBH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S5KBH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S5KBH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S5KBH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd S5KBH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S5GBH
– S5MBH
Taiwan Semiconductor
1
Version: A2102
5A, 400V - 1000V Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● Freewheeling application
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.090g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
5
A
VRRM
400 - 1000
V
IFSM
200
A
TJ MAX
150
°C
Package
DO-214AA (SMB)
Configuration
Single die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL S5GBH S5JBH S5KBH S5MBH UNIT
Marking code on the device
S5GB
S5JB
S5KB
S5MB
Repetitive peak reverse voltage
VRRM
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
280
420
560
700
V
Forward current
IF
5
A
Surge peak forward current, 8.3ms
single half sine-wave superimposed
on rated load
TJ = 25°C
IFSM
200
A
TJ = 125°C
150
A
Surge peak forward current, 1.0ms
single half sine-wave superimposed
on rated load
TJ = 25°C
540
A
TJ = 125°C
290
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Número de pieza similar - S5KBH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
S5KB TSC-S5KB Datasheet
187Kb / 4P
Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S5KB TMT-S5KB Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Yixinwei Techn...
S5KB YIXIN-S5KB Datasheet
93Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Yint Electroni...
S5KB YINT-S5KB Datasheet
492Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S5KBF ZSELEC-S5KBF Datasheet
96Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Descripción similar - S5KBH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Memory Technolog...
S5A TMT-S5A_16 Datasheet
359Kb / 4P
5A, 50V - 1000V Surface Mount Rectifiers
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GC TMT-S8GC_16 Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
S1GFL TSC-S1GFL Datasheet
440Kb / 6P
1A, 400V - 1000V Surface Mount Rectifier
S5AC-K TSC-S5AC-K Datasheet
312Kb / 5P
5A, 50V - 1000V Surface Mount Rectifier
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S8GCH TSC-S8GCH Datasheet
429Kb / 5P
8A, 400V - 1000V Surface Mount Rectifier
S5AH TSC-S5AH Datasheet
569Kb / 6P
5A, 50V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com