| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R7HL-SVF8NL-R Datasheet(PDF) 12 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7HL-SVF8NL-R Datasheet(HTML) 12 Page - M-System Co.,Ltd. |
|
12 / 55 page ![]() MODEL: R7HL R7HL SPECIFICATIONS ES-7812 Rev.18 Page 12/55 http://www.m-system.co.jp/ Unused Unused 0: OFF 1: ON ■ RELAY CONTACT OUTPUT • Di • Do 0 15 0 7 8 15 Output 0 Output 1 Output 2 Output 3 Output 7 0 15 • Di ADD.n CH0 CH1 CH2 CH3 (ADD.n) ADD.n+2 (ADD.n+1) ADD.n+4 (ADD.n+2) ADD.n+6 (ADD.n+3) The data is 16-bit binary. Addresses in parenthesses are for half-duplex mode. 0 15 0 15 0 15 0 15 • Do 0 15 0 15 0 15 Command data (Refer to the instruction manual) Command data (Refer to the instruction manual) Command data (Refer to the instruction manual) Command data (Refer to the instruction manual) ■ TOTALIZED PULSE INPUT (R7HL-PA4E) |