Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAXQ1065EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de pieza MAXQ1065EVKIT
Descripción Electrónicos  Demonstrates the Features of the MAXQ1065 Socket Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ1065EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAXQ1065EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXQ1065EVKIT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Maxim Integrated │ 6
www.maximintegrated.com
Evaluates: MAXQ1065
MAXQ1065 Evaluation Kit
DESIGNATOR
QTY
DESCRIPTION
MANUFACTURER
PART NUMBER
C1, C2, C5, C18
4
CAP CER 4.7uF 10V 10% X5R 0603
Kemet
C0603C475K8PACTU
C3, C4, C6,
C17, C19
5
CAP CER 0.1UF 16V 10% X7R 0402
Murata Electronics
GRM155R71C104KA88D
C7
1
CAP CER 100PF 50V +/-1% NP0 0402
AVX Corporation
04025A101FAT2A
C8, C12
2
CAP CER 27PF 50V 5% NP0 0402
Murata Electronics
GRM1555C1H270JA01D
C9, C10
2
CAP CER 1UF 35V 10% X5R 0603
Taiyo Yuden
GMK107BJ105KA-T
C11
1
CAP CER 0.1UF 50V 10% X7R 0603
Kemet
C0603C104K5RACTU
C13
1
CAP CER 0.47UF 10V 10% X5R 0402
Murata Electronics North America
GRM155R61A474KE15J
C14, C16
2
CAP CER 1uF 16V 10% X7R 0603
Murata
GCM188R71C105KA64D
C15
1
CAP CER 10UF 10V 10% X7R 0805
Samsung Electro-Mechanics
CL21B106KPQNNNE
CN1
1
CONN RCPT 5POS MICRO USB B R/A
Molex
47346-0001
D1, D2, D3
3
DIODE SCHOTTKY 20V 1A STMITE
STMicroelectronics
STPS120M
D4
1
LED 660NM RED WTR CLR 1206 SMD
Lumex Opto
SML-LX1206SRC-TR
D5
1
LED GREEN/RED CLEAR 1210
Lite-On Inc
LTST-C155GEKT
D6
1
LED 565NM WTR CLR GREEN 1206 SMD
Lumex Opto
SML-LX1206GC-TR
JH1, JH5
2
CONN RCPT 8POS GOLD .100"
Samtec
ESQ-108-39-G-S
JH2
1
CONN RCPT 10POS GOLD .100"
Samtec
ESQ-110-39-G-S
JH3
1
CONN RCPT 40POS .100" SMD GLD
Samtec
HLE-120-02-G-DV-BE
JH4
1
CONN RCPT 6POS GOLD .100"
Samtec
ESQ-106-39-G-S
JH6, JP1
2
CONN HEADER .100 SINGL STR 2POS (2x1)
Sullins
PEC02SAAN
L1
1
FERRITE BEAD 120 OHM 0805 1LN
Murata Electronics North America
BLM21AG121SN1D
PCB1
1
R1, R4, R6
3
RES 10K OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF1002V
R2
1
RES SMD 12.1K OHM 1% 1/10W 0402
Panasonic Electronic
Components
ERJ-2RKF1212X
R3
1
RES SMD 1M OHM 1% 1/10W 0402
Panasonic
ERJ-2RKF1004X
R5
1
RES 47K OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF4702V
R7
1
RES 49.9K OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF4992V
R9
1
RES 120 OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF1200V
R10, R14
2
RES 150 OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF1500V
R13
1
RES 4.7K OHM 1/10W 1% 0402 SMD
Panasonic
ERJ-2RKF4701X
R15
1
RES 332 OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF3320V
SW1
1
SWITCH SLIDE DPDT 300MA 6V RIGHT
ANGLE
C&K
JS202011JAQN
SW2
1
SWITCH TACTILE SPST-NO 0.05A24V
Omron Electronics
B3S-1000P
TP1, TP2, TP3
3
CONN HEADER .100 SINGL STR 1POS
Sullins
PEC01SAAN
MAXQ1065 EV Kit Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com