Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9050JCK13V20 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza 9050JCK13V20
Descripción Electrónicos  Timing Relay, Type JCK, plug In, on delay, Timing Relay, Type JCK, plug In, on delay, VAC, 120 VAC/110 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

9050JCK13V20 Datasheet(HTML) 1 Page - Schneider Electric

  9050JCK13V20 Datasheet HTML 1Page - Schneider Electric 9050JCK13V20 Datasheet HTML 2Page - Schneider Electric 9050JCK13V20 Datasheet HTML 3Page - Schneider Electric 9050JCK13V20 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
9050JCK13V20
Timing Relay, Type JCK, plug In, on delay,
adjustable time, 0.6 to 60 seconds, 10A, 240
VAC, 120 VAC/110 VDC
Product availability : Stock - Normally stocked in distribution facility
Price* : 78.00 USD
Main
Product range
9050JCK
Product type
Timer
Timing mode
On-delay
Timing range
0.6...60 s
Supply voltage
120 V AC
110 V DC
Complementary
Power consumption
2 VA
Current rating
10 A
Switch function
DPDT
Contact composition
2 NO + 2 NC
Contact material
Silver nickel
Maximum switching voltage
240 V AC
Mounting type
Socket
Number of pins
8
Shape of pins
Tubular
For use with
8501NR52
8501NR51
Environment
Certifications
CE
UL Listed
UL Recognized
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 27, 2021
1


Número de pieza similar - 9050JCK13V20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
9050JCK13V14 SCHNEIDER-9050JCK13V14 Datasheet
142Kb / 4P
Timing Relay, Type JCK, plug In, on delay, adjustable time, 0.6 to 60 seconds, 10A, 240 VAC, 24 VAC/DC
Aug 27, 2021
9050JCK13V17 SCHNEIDER-9050JCK13V17 Datasheet
142Kb / 4P
Timing Relay, Type JCK, plug In, on delay, adjustable time, 0.6 to 60 seconds, 10A, 240 VAC, 48 VAC/DC
Aug 27, 2021
More results

Descripción similar - 9050JCK13V20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
9050JCK1F3V20 SCHNEIDER-9050JCK1F3V20 Datasheet
121Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 3 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK1F13V20 SCHNEIDER-9050JCK1F13V20 Datasheet
121Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 13 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK1F30V20 SCHNEIDER-9050JCK1F30V20 Datasheet
120Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 30 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK1F90V20 SCHNEIDER-9050JCK1F90V20 Datasheet
123Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 90 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK1F120V20 SCHNEIDER-9050JCK1F120V20 Datasheet
120Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 120 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK14V20 SCHNEIDER-9050JCK14V20 Datasheet
142Kb / 4P
Timing Relay, Type JCK, plug In, on delay, adjustable time, 1.2 to 120 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK19V20 SCHNEIDER-9050JCK19V20 Datasheet
139Kb / 4P
Timing Relay, Type JCK, plug In, on delay, adjustable time, 1.2 to 120 minutes, 10A, 240 VAC, 120 VAC 110 VDC
Aug 27, 2021
9050JCK1F120V20 SCHNEIDER-9050JCK1F120V20_V01 Datasheet
97Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 120 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Jan 12, 2022
9050JCK1F3V20 SCHNEIDER-9050JCK1F3V20_V01 Datasheet
93Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 3 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Jan 11, 2022
9050JCK1F90V20 SCHNEIDER-9050JCK1F90V20_V01 Datasheet
99Kb / 2P
Timing Relay, Type JCK, plug In, on delay, fixed time, 90 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Jan 11, 2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com