Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASS58-H Datasheet(PDF) 7 Page - Pepperl+Fuchs Inc.

No. de pieza ASS58-H
Descripción Electrónicos  Singleturn absolute encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ASS58-H Datasheet(HTML) 7 Page - Pepperl+Fuchs Inc.

  ASS58-H Datasheet HTML 1Page - Pepperl+Fuchs Inc. ASS58-H Datasheet HTML 2Page - Pepperl+Fuchs Inc. ASS58-H Datasheet HTML 3Page - Pepperl+Fuchs Inc. ASS58-H Datasheet HTML 4Page - Pepperl+Fuchs Inc. ASS58-H Datasheet HTML 5Page - Pepperl+Fuchs Inc. ASS58-H Datasheet HTML 6Page - Pepperl+Fuchs Inc. ASS58-H Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
ASS58-H
7
Order code
A
S
S
5
8
H
–00
Number of bits singleturn
12
4096 (standard)
13
8192
16
65536
Options
N
Standard
1
Incremental track 1024 pulses, Push/Pull
2
Incremental track 2048 pulses, Push/Pull
3
Incremental track 4096 pulses, Push/Pull
4
Incremental track 1024 pulses, RS422
5
Incremental track 2048 pulses, RS422
6
Incremental track 4096 pulses, RS422
Output code
B
Binary
G
Gray
Exit position
A
Axial
R
Radial
Connection type
K1
Cable Ø7 mm, 6 x 2 x 0.14 mm2, 1 m
AA
Plug connector type 9416, 12-pin
AB
Plug connector type 9416L, 12-pin
Shaft dimension/flange version
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
I
Inox*
W
Aluminium, powder coated with shaft seal
Principle of operation
S
Singleturn
Shaft version
S
Recessed hollow shaft
Data format
A
SSI (Synchronous Serial Interface)
*Housing material I only available with axial exit position.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com