| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358AP Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358AP Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 61 page ![]() 7.3 Recommended Operating Conditions over operating ambient temperature range (unless otherwise noted) MIN MAX UNIT VS Supply voltage, VS= ([V+] – [V–]) LM358B, LM358BA, LM2904B, LM2904BA 3 36 V LM158, LM258, LM358, LM158A, LM258A, LM358A, LM2904V 3 30 LM2904 3 26 VCM Common-mode voltage V– V+ – 2 V TA Operating ambient temperature LM358B, LM358BA –40 85 °C LM2904B, LM2904BA, LM2904, LM2904V –40 125 LM358, LM358A 0 70 LM258, LM258A –20 85 LM158, LM158A –55 125 7.4 Thermal Information THERMAL METRIC(1) LM258, LM258A, LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V(2) LM158, LM158A UNIT D (SOIC) DGK (VSSOP) P (PDIP) PS (SO) PW (TSSOP) DDF (SOT-23) FK (LCCC) JG (CDIP) 8 PINS 8 PINS 8 PINS 8 PINS 8 PINS 8PINS 20 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 124.7 181.4 80.9 116.9 171.7 164.3 84.0 112.4 °C/W RθJC(top) Junction-to-case (top) thermal resistance 66.9 69.4 70.4 62.5 68.8 98.1 56.9 63.6 °C/W RθJB Junction-to-board thermal resistance 67.9 102.9 57.4 68.6 99.2 82.1 57.5 100.3 °C/W ψJT Junction-to-top characterization parameter 19.2 11.8 40 21.9 11.5 11.4 51.7 35.7 °C/W ψJB Junction-to-board characterization parameter 67.2 101.2 56.9 67.6 97.9 81.7 57.1 93.3 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance — — — — — — 10.6 22.3 °C/W (1) For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics. (2) For a listing of which devices are available in what packages, see Section 5. www.ti.com LM158, LM158A, LM258, LM258A LM2904, LM2904B, LM2904BA, LM2904V LM358, LM358A, LM358B, LM358BA SLOS068Z – JUNE 1976 – REVISED JULY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |