Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PL611-30 Datasheet(PDF) 5 Page - PhaseLink Corporation

No. de pieza PL611-30
Descripción Electrónicos  Programmable Quick Turn Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLL [PhaseLink Corporation]
Página de inicio  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611-30 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL611-30 Datasheet HTML 1Page - PhaseLink Corporation PL611-30 Datasheet HTML 2Page - PhaseLink Corporation PL611-30 Datasheet HTML 3Page - PhaseLink Corporation PL611-30 Datasheet HTML 4Page - PhaseLink Corporation PL611-30 Datasheet HTML 5Page - PhaseLink Corporation PL611-30 Datasheet HTML 6Page - PhaseLink Corporation PL611-30 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary
PL611-30
Programmable Quick Turn ClockTM
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 03/03/05 Page 5
Figure 1 below describes how to terminate the differential CMOS outputs of PhaseLink’s PL611-30 Programmable QTC clock
for use with PECL or LVDS inputs.
The unique feature of differential CMOS outputs allows great flexibility for board designers. By standardizing on one termination
scheme you can use the PL611-30 for all your LVDS and PECL clock requirements up to 375MHz.
50
Ω line
50
Ω line
R3
R1
R1
R2
R2
R3
CMOS Output
Complementary
CMOS Output
0V
3.3V
1.59V
2.35V
+3.3V
+3.3V
Complementary
Input
Input
Component selection
For LVDS input
R1 = 360
R2 = 82
R3 = 130
For PECL input
R1 = 130
R2 = 82
R3 = 130
Notes:
Place R1 as close to the CMOS outputs as
possible.
Place R2 and R3 as close to the PECL/LVDS
inputs as possible.
PECL
1.10V
1.40V
LVDS
Figure 1
The above layout allows the PL611-30 to drive either a PECL or LVDS input by simply changing the value of R1.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com