| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
83054AIL Datasheet(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
83054AIL Datasheet(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 13 page ![]() Integrated Circuit Systems, Inc. 83054AGI www.icst.com/products/hiperclocks.html REV. A JANUARY 3, 2006 9 ICS83054I 4:1, SINGLE-ENDED MULTIPLEXER APPLICATION INFORMATION INPUTS: CLK INPUT: For applications not requiring the use of a clock input, it can be left floating. Though not required, but for additional protection, a 1k Ω resistor can be tied from the CLK input to ground. RECOMMENDATIONS FOR UNUSED INPUT PINS LVCMOS CONTROL PINS: All control pins have internal pull-ups or pull-downs; additional resistance is not required but can be added for additional protection. A 1k Ω resistor can be used. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |