Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IMX8QXPIEC Datasheet(PDF) 24 Page - NXP Semiconductors

No. de pieza IMX8QXPIEC
Descripción Electrónicos  i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8QXPIEC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMX8QXPIEC Datasheet HTML 20Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 21Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 22Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 23Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 24Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 25Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 26Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 27Page - NXP Semiconductors IMX8QXPIEC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
Electrical characteristics
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
24
4.1.7
USB 2.0 PHY typical current consumption in Power-Down mode
In power down mode, everything is powered down, including the VBUS valid detectors, typical condition.
The following table shows the USB interface typical current consumption in Power-Down mode.
4.1.8
USB 3.0 PHY typical current consumption in Power-Down mode
In power down mode, everything is powered down, including the VBUS valid detectors, typical condition.
The following table shows the USB interface typical current consumption in Power-Down mode.
The following table shows the current consumption for the USB 2.0 PHY embedded in the USB 3.0
PHY.
4.1.8.1
USB 3.0 Type-C connector considerations
The device supports USB 3.0 Type-C connection when used in conjunction with the following devices:
•
PTN36043
•
PTN5150A
•
NX5P3090UK
NXP supports many other configurations and implementations for USB 3.0 Type-C connections. See NXP
USB Type-C: True Plug’n Play .
Table 13. USB 2.0 PHY typical current consumption in Power-Down Mode
VDD_USB_3P3 (3.3 V)
VDD_USB_1P8 (1.8 V)
VDD_USB_OTG_1P0 (1.0 V)
Current
1
μA0.06 μA0.5 μA
Table 14. USB 3.0 PHY typical current consumption in Power-Down Mode
—
VDD_USB_1P8 (1.8 V)
VDD_USB_OTG_1P0 (1.0 V)
Current
—
10
μA
70
μA
Table 15. Typical current consumption in Power-Down mode for USB 2.0 PHY embedded in USB 3.0 PHY
VDD_USB_3P3 (3.3 V)
VDD_USB_1P8 (1.8 V)
VDD_USB_OTG2_1P0VDD_U
SB_OTG_1P0 (1.0 V)
Current—Host mode
22.6
μA
12.7
μΑ
81.5
μΑ
Current—Device mode
12.6
μΑ
85.7
μΑ
78.5
μΑ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com