Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DSK1B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No. de pieza DSK1B
Descripción Electrónicos  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DSK1B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DSK1B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DSK1B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DSK1B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
SOD-123FL
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
Case: SOD-123FL molded plastic
body over glass passivated chip
Terminals: Solder plated, solderable per
JESD22-B102
Polarity: Laser band denotes cathode end
IR
5 μA
VF
0.95V, 1.25V, 1.70V
IF(AV)
1.0A
VRRM
50 V to 600 V
IFSM
25A
y
Weight: 0.017gram
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.036 x 0.06” (0.9 x 1.5mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Instantaneous forward voltage
Reverse current
Reverse recovery time
Items
Test conditions
IF=1.0A
(2)
VR=VDC
Tj=25℃
Tj=125℃
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
–55 to +150
50
35.0
trr
nS
V
IR
μA
VF
0.95
1.25
1.70
5
V
50
100
150
200
Symbol
UNIT
A
1.0
25
150
300
400
280
600
V
420
TJ,TSTG
600
RθJA
/W
A
IFSM
35
70
105
140
210
UNIT
VRRM
50
100
150
200
1B
ES
1C
ES
1D
300
ES
1A
ES
1G
ES
1J
400
ES
1E
V
Tj max.
150 °C
Thermal resistance from junction to ambient
(1)
Operating junction and storage temperature
range
Symbol
Items
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
VDC
IF(AV)
VRMS
DSK1B
ES1A~ES1J
Surface Mount Superfast Rectifiers
ES1A~1D
ES1E~1G
ES1J
Rev :
www.leiditech.com
01.06.2018
DSK


Número de pieza similar - DSK1B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
1.0A Power Rectifier
DSK10 SANYO-DSK10 Datasheet
34Kb / 3P
1.0A Power Rectifier
logo
Olitech Electronics Co....
DSK100 OLITECH-DSK100 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK101 OLITECH-DSK101 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK102 OLITECH-DSK102 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
More results

Descripción similar - DSK1B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com