| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STE2007 Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 62 page ![]() 7 Power ON/Power OFF timing Sequence STE2007 42/62 * = Disabled bits. Command Code Function (D/C) D7 D6D5D4D3D2 D1D0 Hex Charge Pump 0 0 01111 01 3D Sets the Charge Pump Mux Factor 0 *** *** Charge Pump Refresh Rate 0 1 11011 11 EF Sets the Display Refresh Frequency 0 *** *** Refersh Rate Bias ratio 0 0 0110 Bias Ratio Sets the VLCD N-line Inversion 0 1 01011 01 AD 0 * * F1 N-Line Inversion Number of Lines 0 1 1010 Mux Rate Image Location 0 1 01011 00 AC SET Initial Row on Display 0 * * * * * IL[2:0] Icon Mode 0 1 11110 0 Ico n STM TEST MODE1 0 1 01010 01 A9 Reserved for STM (STM Test Mode) 0 *** ***** STM TEST MODE2 0 1 01010 10 AA Reserved for STM (STM Test Mode) STM TEST MODE3 0 1 01010 11 AB Reserved for STM (STM Test Mode) STM TEST MODE4 0 1 01010 00 A8 Reserved for STM (STM Test Mode) STM TEST MODE5 0 1 11111 11 FF Reserved for STM (STM Test Mode) STM TEST MODE6 0 1 11111 00 FC Reserved for STM (STM Test Mode) STM TEST MODE7 0 1 11111 10 FE Reserved for STM (STM Test Mode) STM TEST MODE8 0 1 11111 01 FD Reserved for STM (STM Test Mode) Table 18. Instruction Set (continued) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |