| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB5906 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 64 page ![]() 2016-2021 Microchip Technology Inc. DS00002242E-page 8 USB5906 3.0 PIN DESCRIPTIONS 3.1 Pin Diagram Note 1: Configuration straps are identified by an underlined symbol name. Signals that function as configuration straps must be augmented with an external resistor when connected to a load. Refer to Section 3.5, Con- figuration Straps and Programmable Functions FIGURE 3-1: PIN ASSIGNMENTS (TOP VIEW) 100 99 98 97 96 95 94 93 92 90 89 88 87 86 85 91 41 40 39 37 36 35 34 33 32 31 30 29 28 27 26 38 VDD33 USB2DN_DM4/PRT_DIS_M4 USB2DN_DP4/PRT_DIS_P4 USB3DN_TXDM 4 USB3DN_TXDP4 USB2DN_DP3/PRT_DIS_P3 USB3DN_RXDM3 USB3DN_RXDP3 USB3DN_TXDM3 USB3DN_TXDP3 USB2DN_DM3/PRT_DIS_M3 VDD12 VDD12 50 49 48 46 45 44 43 42 47 GPIO65 VDD12 84 83 81 80 79 78 77 76 82 USB3DN_RXDM4 USB3DN_RXDP4 C_ATTACH0/ATTACHMUX0A/GPIO64 SUSP_IND/GPIO68 VDD12 USB3UP_RXDMB USB3UP_RXDPB VDD12 USB3UP_TXDMB USB3UP_TXDPB NC NC USB3DN_RXDM6 USB3DN_RXDP6 VDD12 USB3DN_TXDM6 USB3DN_TXDP6 USB2DN_DM6/PRT_DIS_M 6 USB2DN_DP6/PRT_DIS_P6 USB3UP_RXDMA USB3UP_RXDPA VDD12 USB3UP_TXDMA USB3UP_TXDPA USB2UP_DM USB2UP_DP VDD33 USB2DN_DM5/PRT_DIS_M5 USB2DN_DP5/PRT_DIS_P5 USB3DN_TXDM5 USB3DN_TXDP5 VDD12 USB3DN_RXDM5 USB3DN_RXDP5 VDD33 thermal slug connects to VSS Microchip USB5906 (Top View 100-VQFN) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |