Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IMX8DXAEC Datasheet(PDF) 68 Page - NXP Semiconductors

No. de pieza IMX8DXAEC
Descripción Electrónicos  i.MX 8DualX Automotive and Infotainment Applications Processors
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8DXAEC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button IMX8DXAEC Datasheet HTML 64Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 65Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 66Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 67Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 68Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 69Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 70Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 71Page - NXP Semiconductors IMX8DXAEC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 143 page
background image
Electrical characteristics
i.MX 8DualX Automotive and Infotainment Applications Processors, Rev. 3, 05/2020
NXP Semiconductors
68
4.10.4
Ultra High Speed SD/SDIO/MMC Host Interface (uSDHC) AC
Timing
This section describes the electrical information of the uSDHC, including:
•
SD3.1/eMMC5.1 High-Speed mode AC Timing
•
eMMC5.1 DDR 52 mode/SD3.1 DDR 50 mode timing
•
HS400 AC timing—eMMC 5.1 only
•
HS200 Mode Timing
•
SDR50/SDR104 AC Timing
t8
FSR output delay
7
4
x ck
i ck a
ns
t9
RX data pins - setup requirement
2
10
—x ck
i ck
ns
t10
RX data pins - hold requirement
2
0
—x ck
i ck
ns
t11
FSR - setup requirement
2
10
—x ck
i ck a
ns
t12
FSR - hold requirement
2
0
—x ck
i ck a
ns
t13
Flags - setup requirement
2
10
—x ck
i ck s
ns
t14
Flags - hold requirement
2
0
—x ck
i ck s
ns
—
RX_HF_CLK / TX_HX_CLK clock cycle
20
—
—
ns
—
TX_HF_CLK input to SCKT
10
—
ns
—
RX_HF_CLK input to SCKR
10
—
ns
1 i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode (SCKT and SCKR are two different clocks)
i ck s = internal clock, synchronous mode (SCKT and SCKR are the same clock)
Table 63. Enhanced Serial Audio Interface (ESAI) Timing (continued)
ID
Parameters
Min
Max
Condition1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com