Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LMFB180N03 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No. de pieza LMFB180N03
Descripción Electrónicos  30V N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMFB180N03 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMFB180N03 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB180N03 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB180N03 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB180N03 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMFB180N03 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Electrical and Thermal Characteristics
www.leiditech.com
Rev : 01.0 .2021
/
3 5
8
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1
VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2
4
6
8
10
0
40
80
120
QG , Total Gate Charge (nC)
VDS=15V
ID=15A
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance v.s Gate-Source
Voltage
Fig.3 Forward Characteristics of Reverse
diode
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) v.s TJ
Fig.6 Normalized RDSON v.s TJ
LMFB180N03



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com