Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BIS003A Datasheet(PDF) 1 Page - Balluff Korea Ltd.

No. de pieza BIS003A
Descripción Electrónicos  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS003A Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS003A Datasheet HTML 1Page - Balluff Korea Ltd. BIS003A Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (125 kHz)
BIS L-102-05/L
Order Code: BIS003A
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 139461
ETIM 6.0: EC002996
BIS003A_3.14_2021-03-29
1 / 2
1) Sensing surface, 2) Clear zone, 3) see corresponding R/W head, 4) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
WEEE
EAC
EN 55011
Size 1, Cl. A
EN 55022
Size 1, Cl. B
Principle of operation
Data carrier
Electrical data
Data retention time/years
≥ 10
Memory organization
48 × 4 bits
Programming cycles
≥ 100.000
Programming time
for 4 bytes: 0.305s
Read cycles
Unlimited
Read time
for 4 bytes: 0.18 s
Environmental conditions
Ambient temperature
-25...85 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67, 1 m, 30 min
Storage temperature
-40...95 °C
Functional Characteristics
Memory type
EEPROM
UID serial number, read-only
4 Byte
User data, read/write
192 Byte
Material
Housing material
Epoxy-resin/fiberglass, GF
Mechanical data
Application weight
6.50 g
Dimension
Ø 50 x 1.6 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
Values are under rated conditions unless otherwise specified.
Only when used together with the appropriate read/write head.


Número de pieza similar - BIS003A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BIS0033 BALLUFF-BIS0033 Datasheet
102Kb / 2P
LF (125 kHz)
3.12_2021-03-29
BIS0034 BALLUFF-BIS0034 Datasheet
102Kb / 2P
LF (125 kHz)
3.14_2021-03-29
BIS0036 BALLUFF-BIS0036 Datasheet
102Kb / 2P
LF (125 kHz)
3.1_2021-03-29
BIS0037 BALLUFF-BIS0037 Datasheet
102Kb / 2P
LF (125 kHz)
3.14_2021-09-01
BIS0038 BALLUFF-BIS0038 Datasheet
102Kb / 2P
LF (125 kHz)
5.2_2021-06-18
More results

Descripción similar - BIS003A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003C BALLUFF-BIS003C Datasheet
105Kb / 2P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com