Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

569820 Datasheet(PDF) 2 Page - Festo Corporation.

No. de pieza 569820
Descripción Electrónicos  Control block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FESTO [Festo Corporation.]
Página de inicio  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

569820 Datasheet(HTML) 2 Page - Festo Corporation.

  569820 Datasheet HTML 1Page - Festo Corporation. 569820 Datasheet HTML 2Page - Festo Corporation. 569820 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Sensor switching status indication
LED
Pilot pressure
3 bar ... 10 bar
Suitability for vacuum
no
Switching time off
56 ms
On switching time
22 ms
Pneumatic valve - sensor ON switching time
60 ms
Pneumatic valve - sensor switching time off
11 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
1000 µs
Max. negative test pulse on 1 signal
800 µs
Switching output
NPN
Coil characteristics
24 V DC: 1.8 W
Permissible voltage fluctuations
-15 % / +10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
Max. magnetic interference field
60 mT
Temperature of medium
-5 °C ... 50 °C
Noise level
85 dB(A)
Protection against direct and indirect contact
PELV
Protection class as per EN 60950/IEC 950
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 50 °C
Nominal altitude of use above sea level
1000 m as per VDE 0580
Product weight
1138 g
DC sensor operating voltage range
10 V ... 30 V
Sensor short circuit protection
Pulsed
Sensor idle current
≤10 mA
Max. output current, sensor
200 mA
Sensor max. switching frequency
5000 Hz
Sensor residual ripple
± 10 %
Sensor voltage drop
≤2 V
Electrical connection
Form C
as per EN 175301-803
Without PE conductor
Sensor connection
Plug
3-pin
M8x1
Type of mounting
With through-hole
Pressure gauge connection
G1/4
Pneumatic connection 1
G1/4
Pneumatic connection 2
Pneumatic connection 3
G1/4
Pneumatic connection 4
G1/4
Pneumatic connection 5
G1/4
Note on materials
RoHS-compliant
Seals material
FPM
HNBR
NBR
Housing material
Die-cast aluminum
PA
Material of screws
Steel
Galvanized
11/15/21 - Subject to change - Festo AG & Co. KG
2/3



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com