| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML2250 Datasheet(PDF) 24 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2250 Datasheet(HTML) 24 Page - OKI electronic componets |
|
24 / 36 page ![]() FEDL2250DIGEST-09 OKI Semiconductor ML2250 family 24/36 To read the channel status, input “L” level to ÝÍ and ÎÜ pins. DQ pin will output the channel status in synchronization with SCK clock. The selection of rising/falling edge of SCK clock, similar to when inputting the commands and data, is determined by the level at SCK pin at the falling edge of ÎÜ pin. The status signals in the parallel interface are output to D7 to D0 pins sequentially from D7. Status Read Timing SCK Rising Edge Operation D7 Hi-Z Hi-Z D6 D5 D4 D3 D2 D1 D0 CS (I) RD (I) SCK(I) DO(O) SCK Falling Edge Operation D7 Hi-Z D6 D5 D4 D3 D2 D1 D0 Hi-Z CS (I) RD (I) SCK(I) DO(O) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |