| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3722 Datasheet(PDF) 50 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3722 Datasheet(HTML) 50 Page - ams AG |
|
50 / 198 page ![]() Page 50 ams Datasheet Document Feedback [v1-01] 2015-Sep-07 AS3722 − Detailed Descriptions- System Functions Normal Start-Up The following gives a brief description on a start-up from scratch (battery insertion). More details can be found in the start-up flow charts. • Powering up V2_5 (wait till it’s above VPOR) • The external capacitor on CREF is charged to 1.6V. • Check if VBAT is above ResVoltRise and VSUP above VSUP_min • Configuration of DCDC controller (number of phases) and SD2/SD3/SD4/SD5 (combined mode or separated) is automatically detected during start-up detection phase. • Current-sense calibration of SD0/SD1 and SD6 is performed • Startup State machine reads out the internal Boot-OTP. The start-up sequence of Step-Down Converter, LDO’s and GPIOs are controlled by the Boot-OTP. • Reset-Timer is set by the Boot-OTP • The reset is released when the Reset Timer expires (external pin XRES_OUT ) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |