Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP8303A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza DP8303A
Descripción Electrónicos  8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8303A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8303A Datasheet HTML 1Page - National Semiconductor (TI) DP8303A Datasheet HTML 2Page - National Semiconductor (TI) DP8303A Datasheet HTML 3Page - National Semiconductor (TI) DP8303A Datasheet HTML 4Page - National Semiconductor (TI) DP8303A Datasheet HTML 5Page - National Semiconductor (TI) DP8303A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITRECEIVE MODE SPECIFICATIONS
tTRL
Propagation Delay from Transmit Mode to
CD e 04V
(Figure B)
Receive a Logical ‘‘0’’ TR to A Port
S1 e 1 R4 e 100X C3 e 5pF
23
35
ns
S2 e 1 R3 e 1k C2 e 30 pF
tTRH
Propagation Delay from Transmit Mode to
CD e 04V
(Figure B)
Receive a Logical ‘‘1’’ TR to A Port
S1 e 0 R4 e 100X C3 e 5pF
23
35
ns
S2 e 0 R3 e 5k C2 e 30 pF
tRTL
Propagation Delay from Receive Mode to
CD e 04V
(Figure B)
Transmit a Logical ‘‘0’’ TR to B Port
S1 e 1 R4 e 100X C3 e 300 pF
23
35
ns
S2 e 1 R3 e 300X C2 e 5pF
tRTH
Propagation Delay from Receive Mode to
CD e 04V (
Figure B )
Transmit a Logical ‘‘1’’ TR to B Port
S1 e 0 R4 e 1k C3 e 300 pF
27
35
ns
S2 e 0 R3 e 300X C2 e 5pF
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the
devices should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the supply and temperature range listed in the table of Recommended Operating Conditions
All typical values given are for VCC e 5V and TA e 25 C
Note 3
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to ground unless otherwise specified
Note 4
Only one output at a time should be shorted
Switching Time Waveforms and AC Test Circuits
TLF5856 – 3
TLF5856 – 4
Note
C1 includes test fixture capacitance
FIGURE A Propagation Delay from A Port to B Port or from B Port to A Port
http
www nationalcom
4



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com