| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES9026PRO Datasheet(PDF) 6 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9026PRO Datasheet(HTML) 6 Page - ESS Technology,Inc |
|
6 / 57 page ![]() CONFIDENTIAL ADVANCE INFORMATION v3.4 March 5, 2019 ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643- 8800 • Fax (408) 643-8801 6 System Clock and Audio Inputs Sampling Rate Notations Mode FSR raw sample rate at audio interface fs sample rate for filter specification DSD DATA_CLK FSR / 64 DoP Frame Clock Rate FSR / 4 Serial (PCM) Normal Mode Frame Clock Rate FSR Serial (PCM) OSF Bypass Mode Frame Clock Rate FSR / 8 SPDIF SPDIF Audio Rate FSR System Clock (XIN) and Audio Master Clock (MCLK) The system clock (XIN) can be generated with a crystal using the built-in oscillator or supplied externally. o The maximum XIN frequency is 100MHz as specified in ANALOG PERFORMANCE and XIN Timing. o The audio master clock (MCLK) is divided down from XIN via clock_gear in Register 0: System Registers. o The minimum MCLK frequency for a given raw sample rate FSR is specified in ANALOG PERFORMANCE. o The minimum MCLK frequency for a given I2C clock is specified in the table under I2C Timing Table. PCM Pin Connections Pin Name Description DATA1 Frame clock DATA5~2 8-channel PCM serial data DATA_CLK Bit clock for PCM audio format Note: DATA_CLK frequency must be (2 x serial_length) x FSR. serial_length can be set in Register 2: Serial Data Configuration and Automute Enable SPDIF Pin Connections Pin Name Description GPIO1 SPDIF input 10 DATA8~1 SPDIF input 9~2 DATA_CLK SPDIF input 1 An SPDIF source multiplexer allows for up to 10 SPDIF sources to be connected to the data and GPIO pins selectable via Register 11: SPDIF Mux and GPIO Inversion. SPDIF input mode can be manually selected by input_select in Register 1: Input selection or automatically selected if auto_select in Register 1: Input selection is set to a mode allowing automatic SPDIF selection. DSD Pin Connections Pin Name Description DATA8~1 8-channel DSD data input DATA_CLK Bit clock for DSD data input Note: DATA_CLK frequency must be FSR. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |