| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32CUBEL4 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32CUBEL4 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 37 page ![]() DocID028080 Rev 1 7/37 UM1919 Getting started with demonstration 36 2 Getting started with demonstration 2.1 Hardware requirements The hardware requirements to start the demonstration application are as follows: • STM32L476G discovery board (Figure 2 and Figure 3) (refer to UM1879 for the discovery kit description) • One “USB type A to Mini-B” cable to power up the discovery board from the USB ST- LINK (USB connector CN1) and to run in USB-powered mode • One CR2032 battery to run in battery mode. The STM32L476G discovery kit helps to discover the ultra-low-power features and audio capabilities of the STM32L4 Series. It offers everything required for beginners and experienced users to get stared quickly and develop applications easily. Based on an STM32L476VGT6 MCU, it includes an ST-LINK/V2-1 embedded debug tool interface, Idd current measurement, Quad-SPI Flash memory, an audio codec with 3.5mm connector, LCD segment display (8x40), LEDs, a joystick and a USB mini-B connector. |