Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRT-09385 Datasheet(PDF) 1 Page - SparkFun Electronics

No. de pieza PRT-09385
Descripción Electrónicos  Jumper Wires Premium 12 M/F Pack of 10
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPARKFUN [SparkFun Electronics]
Página de inicio  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-09385 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-09385 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Jumper Wires Premium 12" M/F Pack of 10
PRT-09 385 ROH S
images are CC BY-NC-SA 3.0
Description: This is a SparkFun exclusive! These are 12" long jumper wires
terminated as male to female. Use these to jumper from any male or female header
on any board. Multiple jumpers can be connected next to one another on a 0.1"
header. Comes in one pack of ten jumpers (colors shown).
We use these wires for everything! They work great with breadboards, Arduinos, and
really any 0.1" pitch prototyping board.
4/12/2016
https://www.sparkfun.com/products/9385


Número de pieza similar - PRT-09385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SparkFun Electronics
PRT-09386 SPARKFUN-PRT-09386 Datasheet
101Kb / 1P
Jumper Wires Premium 12 M/F Pack of 100
4/12/2016
PRT-09387 SPARKFUN-PRT-09387 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 10
4/12/2016
PRT-09388 SPARKFUN-PRT-09388 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 100
4/12/2016
PRT-09389 SPARKFUN-PRT-09389 Datasheet
95Kb / 1P
Jumper Wires Premium 12 F/F Pack of 10
1??2??8
More results

Descripción similar - PRT-09385

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SparkFun Electronics
PRT-08430 SPARKFUN-PRT-08430 Datasheet
101Kb / 1P
Jumper Wires Premium 6 F/F Pack of 10
4/12/2016
PRT-08431 SPARKFUN-PRT-08431 Datasheet
238Kb / 1P
Jumper Wires Premium 6 M/M Pack of 10
4/12/2016
PRT-09139 SPARKFUN-PRT-09139 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 100
4/12/2016
PRT-09140 SPARKFUN-PRT-09140 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 10
4/12/2016
PRT-09386 SPARKFUN-PRT-09386 Datasheet
101Kb / 1P
Jumper Wires Premium 12 M/F Pack of 100
4/12/2016
PRT-09387 SPARKFUN-PRT-09387 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 10
4/12/2016
PRT-09388 SPARKFUN-PRT-09388 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 100
4/12/2016
PRT-09389 SPARKFUN-PRT-09389 Datasheet
95Kb / 1P
Jumper Wires Premium 12 F/F Pack of 10
1??2??8
PRT-09390 SPARKFUN-PRT-09390 Datasheet
98Kb / 1P
Jumper Wires Premium 12 F/F Pack of 100
4/12/2016
PRT-10898 SPARKFUN-PRT-10898 Datasheet
199Kb / 1P
Jumper Wires Premium 6 F/F Pack of 100
4/12/2016
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com