Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRT-10228 Datasheet(PDF) 1 Page - SparkFun Electronics

No. de pieza PRT-10228
Descripción Electrónicos  Angle Bracket ??4??0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPARKFUN [SparkFun Electronics]
Página de inicio  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-10228 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-10228 Datasheet HTML 1Page - SparkFun Electronics PRT-10228 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
AngleBracket‐4‐40
PRT-10228
These are very handy. They are simple angle brackets with one threaded and unthreaded hole. Use
them for connecting PCBs at 90 degree angles, mounting accelerometers, gryros, etc. They can also
be used on the universal plate set for mounting all sorts of sensors and such.
Sold as single units.
 


Número de pieza similar - PRT-10228

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SparkFun Electronics
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-10255 SPARKFUN-PRT-10255 Datasheet
105Kb / 2P
LiPower - Boost Converter
10/9/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
logo
GOOD SKY ELECTRIC CO., ...
PRT-102ABSFLTD GOODSKY-PRT-102ABSFLTD Datasheet
533Kb / 4P
Relay
More results

Descripción similar - PRT-10228

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD694 AD-AD694_02 Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694 AD-AD694 Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
logo
Hammond Manufacturing L...
RAAB HAMMOND-RAAB Datasheet
75Kb / 1P
Rackmount Adjustable Angle Bracket
logo
PHOENIX CONTACT
2900956 PHOENIX-2900956 Datasheet
64Kb / 2P
Retaining bracket - RIF-RH-4
2905983 PHOENIX-2905983 Datasheet
39Kb / 1P
Retaining bracket - RIF-RHM-4
logo
UMPCO, Inc.
AE12 UMPCO-AE12 Datasheet
257Kb / 2P
ANGLE BRACKET, 90 DEGREE
AS9228 UMPCO-AS9228 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9101 UMPCO-MS9101 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
logo
SparkFun Electronics
ROB-12593 SPARKFUN-ROB-12593 Datasheet
93Kb / 1P
Angle Bracket A
2/12/2016
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com