| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VB14N-300-R-6102 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
VB14N-300-R-6102 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 6 page ![]() Barcode scanner VB14N-300-R-6102 < Grid scanner < Simple operation via function keys: test mode, code teaching and code optimization < Code reconstructor < Connect up to 32 scanners < Sturdy aluminum housing < Two serial interfaces RS 232 / RS 485 < Engine control (On/Off) possible < Degree of protection IP65 Barcode scanner Function The barcode scanner is a line scanner for 1D barcodes. With its high-performance optics and code reconstruction, the scanner offers a high level of reliability in reading difficult-to-detect 1D barcodes. A function key and several LEDs on the barcode scanner provide support when parameterizing, teaching in barcodes, and testing. In live operation, the LEDs provide information about the relevant read status. The corresponding PC software makes parameterization simple. 1 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |
Número de pieza similar - VB14N-300-R-6102 |
|
Descripción similar - VB14N-300-R-6102 |