Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX9918ASA/V+ Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de pieza MAX9918ASA/V+
Descripción Electrónicos  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918ASA/V+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9918ASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100kΩ; for MAX9918,
AV = 90V/V, R2/R1 = 89kΩ/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
Electrical Characteristics (continued)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFIN Common-Mode Rejection
Ratio
REFINCMRR
MAX9918, MAX9919_ 0V ≤ VREFIN ≤ (VCC
- 1.9V)
82
103
dB
MAX9920
0V ≤ VREFIN ≤ (VCC
- 2.4V)
75
90
REFIN Current
IREFIN
MAX9918, MAX9919_, VRS+ = VRS- = ±50mV
±100
µA
MAX9920, VRS+ = VRS- = ±200mV
±100
SHDN Logic-High
VIH
2.0
V
SHDN Logic-Low
VIL
0.8
V
SHDN Logic Input Current
0 ≤ VSHDN ≤ VCC
5
µA
Supply Voltage Range
VCC
Inferred from PSRR test
4.5
5.5
V
Power-Supply Rejection Ratio
(Note 3)
PSRR
MAX9918, MAX9919_ 4.5V ≤ VCC ≤ 5.5V
74
103
dB
MAX9920
4.5V ≤ VCC ≤ 5.5V
68
100
Supply Current
ICC
VRS+ = VRS- = +14V
TA = +25°C
0.7
1.2
mA
TA = -40°C to +125°C
1.5
VRS+ = VRS- = -2V
TA = +25°C
1.0
1.6
TA = -40°C to +125°C
2.2
Shutdown Supply Current
ICC_SHDN VSHDN = VCC = 5V
0.5
10
µA
Small Signal -3dB Bandwidth
BW
MAX9918, VSENSE = 50mV
75
kHz
MAX9919F, VSENSE = 50mV
250
MAX9919N, VSENSE = 50mV
120
MAX9920, VSENSE = 200mV
230
Slew Rate
SR
MAX9918
0.6
V/µs
MAX9919F
0.9
MAX9919N
3.0
MAX9920
1.5
1% Settling Time from VSENSE
Step
MAX9918
VSENSE = 5mV to 50mV step
12
µs
VSENSE = 50mV to 5mV step
7
MAX9919F
VSENSE = 5mV to 50mV step
3.5
VSENSE = 50mV to 5mV step
2.5
MAX9919N
VSENSE = 5mV to 50mV step
3.5
VSENSE = 50mV to 5mV step
3
MAX9920
VSENSE = 20mV to 200mV step
5
VSENSE = 200mV to 20mV step
3
www.maximintegrated.com
Maxim Integrated │ 6
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com