Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZB5AP3S Datasheet(PDF) 7 Page - Schneider Electric

No. de pieza ZB5AP3S
Descripción Electrónicos  green flush pushbutton head 횠22 spring return unmarked
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AP3S Datasheet(HTML) 7 Page - Schneider Electric

  ZB5AP3S Datasheet HTML 1Page - Schneider Electric ZB5AP3S Datasheet HTML 2Page - Schneider Electric ZB5AP3S Datasheet HTML 3Page - Schneider Electric ZB5AP3S Datasheet HTML 4Page - Schneider Electric ZB5AP3S Datasheet HTML 5Page - Schneider Electric ZB5AP3S Datasheet HTML 6Page - Schneider Electric ZB5AP3S Datasheet HTML 7Page - Schneider Electric ZB5AP3S Datasheet HTML 8Page - Schneider Electric ZB5AP3S Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Mounting of Adapter (Socket) ZBZ01•
● 1 2 elongated holes for ZBZ006 screw access
● 2 1 hole Ø 2.4 mm ± 0.05 / 0.09 in. ± 0.002 for centring adapter ZBZ01•
● 3 8 × Ø 1.2 mm / 0.05 in. holes
● 4 1 hole Ø 2.9 mm ± 0.05 / 0.11 in. ± 0.002, for aligning the printed circuit board (with cut-out marked a)
● 5 1 elongated hole for aligning the printed circuit board (with cut-out marked b)
● 6 4 holes Ø 2.4 mm / 0.09 in. for clipping in adapter ZBZ01•
Dimensions An + 18.1 relate to the Ø 2.4 mm ± 0.05 / 0.09 in. ± 0.002 holes for centring adapter ZBZ01•.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com