| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L011X4 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L011X4 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 119 page ![]() This is information on a product in full production. September 2017 DocID027973 Rev 5 1/119 STM32L011x3 STM32L011x4 Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0+, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC Datasheet - production data Features • Ultra-low-power platform – 1.65 V to 3.6 V power supply – -40 to 125 °C temperature range – 0.23 µA Standby mode (2 wakeup pins) – 0.29 µA Stop mode (16 wakeup lines) – 0.54 µA Stop mode + RTC + 2 KB RAM retention – Down to 76 µA/MHz in Run mode – 5 µs wakeup time (from Flash memory) – 41 µA 12-bit ADC conversion at 10 ksps • Core: Arm® 32-bit Cortex®-M0+ – From 32 kHz to 32 MHz max. – 0.95 DMIPS/MHz • Reset and supply management – Ultra-safe, low-power BOR (brownout reset) with 5 selectable thresholds – Ultralow power POR/PDR – Programmable voltage detector (PVD) • Clock sources – 0 to 32 MHz external clock – 32 kHz oscillator for RTC with calibration – High speed internal 16 MHz factory-trimmed RC (+/- 1%) – Internal low-power 37 kHz RC – Internal multispeed low-power 65 kHz to 4.2 MHz RC – PLL for CPU clock • Pre-programmed bootloader – USART, SPI supported • Development support – Serial wire debug supported • Up to 28 fast I/Os (23 I/Os 5V tolerant) • Memories – Up to 16 KB Flash memory with ECC – 2 KB RAM – 512 B of data EEPROM with ECC – 20-byte backup register – Sector protection against R/W operation – • Rich Analog peripherals – 12-bit ADC 1.14 Msps up to 10 channels (down to 1.65 V) – 2x ultra-low-power comparators (window mode and wake up capability, down to 1.65 V) • 5-channel DMA controller, supporting ADC, SPI, I2C, USART, Timers • 4x peripherals communication interface • 1x USART (ISO 7816, IrDA), 1x UART (low power) • 1x SPI 16 Mbits/s • 1x I2C (SMBus/PMBus) • 7x timers: 1x 16-bit with up to 4 channels, 1x 16-bit with up to 2 channels, 1x 16-bit ultra-low-power timer, 1x SysTick, 1x RTC and 2x watchdogs (independent/window) • CRC calculation unit, 96-bit unique ID • All packages are ECOPACK®2 Table 1. Device summary Reference Part number STM32L011x3 STM32L011G3, STM32L011K3, STM32L011E3, STM32L011F3, STM32L011D3 STM32L011x4 STM32L011G4, STM32L011K4, STM32L011E4, STM32L011F4, STM32L011D4 UFQFPN20 3x3 mm UFQFPN28 4x4 mm UFQFPN32 5x5 mm LQFP32 7x7 mm WLCSP25 2.133x2.070 mm TSSOP14/20 169 mils www.st.com |
Número de pieza similar - STM32L011X4 |
|
Descripción similar - STM32L011X4 |