Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN74HCS08DYYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HCS08DYYR
Descripción Electrónicos  SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS08DYYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS08DYYR Datasheet HTML 1Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS08DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Combine power good signals
• Combine enable signals
3 Description
This device contains four independent 2-input AND
Gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A ● B in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS08PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS08D
SOIC (14)
9.90 mm × 3.90 mm
SN74HCS08BQA
WQFN (14)
3.00 mm × 2.50 mm
SN74HCS08DYY
SOT-23-THIN (14) 2.00 mm × 4.20 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
SN74HCS08
SCLS778C – DECEMBER 2019 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - SN74HCS08DYYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HCS08DYYR TI2-SN74HCS08DYYR Datasheet
2Mb / 33P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
REVISED DECEMBER 2021
SN74HCS08DYYR.A TI2-SN74HCS08DYYR.A Datasheet
2Mb / 33P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
REVISED DECEMBER 2021
More results

Descripción similar - SN74HCS08DYYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Rev 1
logo
Texas Instruments
SN74HCS08-Q1 TI1-SN74HCS08-Q1 Datasheet
257Kb / 16P
Automotive Quadruple 2-Input Positive-AND Gates with Schmitt-trigger Inputs
SN74HCS08-Q1 TI1-SN74HCS08-Q1_V01 Datasheet
874Kb / 20P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08 TI1-SN74HCS08 Datasheet
330Kb / 18P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86 Datasheet
348Kb / 15P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS02 TI1-SN74HCS02_V01 Datasheet
993Kb / 22P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS08 TI1-SN74HCS08_V01 Datasheet
993Kb / 22P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08 TI-SN74HCS08_V02 Datasheet
1Mb / 24P
SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V02 Datasheet
1Mb / 27P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V03 Datasheet
2Mb / 31P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com