Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BY251P Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza BY251P
Descripción Electrónicos  General Purpose Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY251P Datasheet(HTML) 2 Page - Vishay Siliconix

  BY251P Datasheet HTML 1Page - Vishay Siliconix BY251P Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BY251P thru BY255P
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88838
2
17-Dec-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
1
10
100
10
100
200
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
10
100
1
0.1
1
10
100
10
100
0
20
40
60
80
100
0.01
0.1
1
10
Fig 1 - Forward Current Derating Curve
60 Hz
Resistive or
Inductive Load
Fig 3 - Typical Instantaneous Forward
Characteristics
Fig 2 - Maximum Non-repetitive Peak
Forward Surge Current
Fig 2 - Maximum Non-repetitive Peak
Forward Surge Current
Fig 5 - Typical Junction Capacitance
TJ = 25°C
Pulse width = 300
µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, ¡C
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
TJ = 125°C
TJ = 75°C
TJ = 25°C
10mm lead length
8.3ms Single Half Sine-Wave
(JEDEC Method)
TA = 55
°C



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com