| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KBPC2500W Datasheet(PDF) 2 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
KBPC2500W Datasheet(HTML) 2 Page - EIC discrete Semiconductors |
|
2 / 2 page ![]() RATING AND CHARACTERISTIC CURVES (KBPC2500W - KBPC2510W ) FIG.1 - DERATING CURVE FOR OUTPUT FIG.2 - MAXIMUM NON-REPETITIVE PEAK RECTIFIED CURRENT FORWARD SURGE CURRENT 0 25 50 75 100 125 150 175 CASE TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL FORWARD CHARACTERISTICS FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE PER DIODE Page 2 of 2 Rev. 0 3 : October 12, 2015 15 10 5 30 25 100 10 1.0 200 0 300 0 150 100 50 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 PERCENT OF RATED REVERSE VOLTAGE, (%) TJ = 25 °C Pulse Width = 300 ms 1 % Duty Cycle 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD TJ = 50 °C TJ = 100 °C TJ = 25 °C 20 250 10 20 60 1 2 4 6 40 100 1.2 1.4 1.8 0.4 0.6 0.8 1.0 1.6 HEAT-SINK MOUNTING, Tc 5" x 6" x 4.9" THK. (12.8cm x 15.2cm x 12.4cm) Al.-Finned plate FORWARD VOLTAGE, VOLTS |