| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M76DW52003BA Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M76DW52003BA Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 27 page ![]() 9/27 M76DW52003TA, M76DW52003BA Table 2. Main Operation Modes, BYTE = VIH (2) Note: 1. X = Don’t Care = VIL or VIH. 2. This table is also valid when BYTE = VIL, with the only difference that DQ15-DQ8 are always high impedance in this case. 3. For the Block Protect and Unprotect features, see the M29DW323D datasheet. Only the In-System Technique is available in the stacked product. 4. The Read Manufacturer Code and Read Device Code operations are not available in the stacked product (see the ““Bus Opera- tions” Tables in M29DW323D datasheet for details). See the “Auto Select Command” in the M29DW323D to read the Manufacturer and Device Codes. Operation Mode EF RPF G W E1S E2S UBS LBS DQ15-DQ8 DQ7-DQ0 Read VIL VIH VIL VIH SRAM must be disabled Data Output Write VIL VIH VIH VIL SRAM must be disabled Data Input Standby VIH VCC ±0.3 X X Any SRAM mode is allowed Hi-Z Output Disable X VIH VIH VIH Any SRAM mode is allowed Hi-Z Reset X VIL X X Any SRAM mode is allowed Hi-Z Read Flash must be disabled VIL VIH VIL VIH VIL VIL Data out Word Read VIL VIH VIL VIH VIL VIH Data out Hi-Z VIL VIH VIL VIH VIH VIL Hi-Z Data out Write Flash must be disabled X VIL VIL VIH VIL VIL Data in Word Write X VIL VIL VIH VIH VIL Data in Hi-Z X VIL VIL VIH VIL VIH Hi-Z Data in Standby/ Power Down Any Flash mode is allowable XX VIH XX X Hi-Z XXXX VIH VIH Hi-Z XXX VIL XX Hi-Z Output Disable Any Flash mode is allowable VIH VIH VIL VIH VIL VIL Hi-Z VIH VIH VIL VIH VIL VIH Hi-Z VIH VIH VIL VIH VIH VIL Hi-Z |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |