Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SQJ415EP Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SQJ415EP
Descripción Electrónicos  Automotive P-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ415EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJ415EP Datasheet HTML 1Page - Vishay Siliconix SQJ415EP Datasheet HTML 2Page - Vishay Siliconix SQJ415EP Datasheet HTML 3Page - Vishay Siliconix SQJ415EP Datasheet HTML 4Page - Vishay Siliconix SQJ415EP Datasheet HTML 5Page - Vishay Siliconix SQJ415EP Datasheet HTML 6Page - Vishay Siliconix SQJ415EP Datasheet HTML 7Page - Vishay Siliconix SQJ415EP Datasheet HTML 8Page - Vishay Siliconix SQJ415EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SQJ415EP
www.vishay.com
Vishay Siliconix
S18-0087-Rev. A, 29-Jan-18
2
Document Number: 75876
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing
c. Independent of operating temperature
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0, ID = -250 μA
-40
-
-
V
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1.5
-2.0
-2.5
Gate-source leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VGS = 0 V
VDS = -40 V
-
-
-1
μA
VGS = 0 V
VDS = -40 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -40 V, TJ = 175 °C
-
-
-150
On-state drain current a
ID(on)
VGS = -10 V
VDS  -5 V
-30
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = -10 V
ID = -10 A
-
0.0115
0.0140
VGS = -10 V
ID = -10 A, TJ = 125 °C
-
-
0.0219
VGS = -10 V
ID = -10 A, TJ = 175 °C
-
-
0.0261
VGS = -4.5 V
ID = -6 A
-
0.0163
0.0200
Forward transconductance b
gfs
VDS = -15 V, ID = -10 A
-
37
-
S
Dynamic b
Input capacitance
Ciss
VGS = 0 V
VDS = -25 V, f = 1 MHz
-
4405
6000
pF
Output capacitance
Coss
-
248
350
Reverse transfer capacitance
Crss
-
234
320
Total gate charge c
Qg
VGS = -10 V
VDS = -20 V, ID = -2.5 A
-63
95
nC
Gate-source charge c
Qgs
-9.5
-
Gate-drain charge c
Qgd
-9.5
-
Gate resistance
Rg
f = 1 MHz
2
4.6
7
Turn-on delay time c
td(on)
VDD = -20 V, RL = 8 
ID  -2.5 A, VGEN = -10 V, Rg = 1 
-12
20
ns
Rise time c
tr
-4
10
Turn-off delay time c
td(off)
-67
110
Fall time c
tf
-17
30
Source-Drain Diode Ratings and Characteristics b
Pulsed current a
ISM
--
-120
A
Forward voltage
VSD
IF = -10 A, VGS = 0 V
-
-0.82
-1.2
V
Body diode reverse recovery time
trr
IF = -2.5 A, di/dt = 100 A/μs
-26
55
ns
Body diode reverse recovery charge
Qrr
-21
50
nC
Reverse recovery fall time
ta
-15
-
ns
Reverse recovery rise time
tb
-11
-
Body diode peak reverse recovery
current
IRM(REC)
--1.6
-
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com