| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CFMLH4R Datasheet(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5604CFMLH4R Datasheet(HTML) 72 Page - NXP Semiconductors |
|
72 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 15 Package pinouts and signal descriptions NXP Semiconductors 72 2.26 ADC electrical characteristics 2.26.1 Introduction The device provides a 10-bit Successive Approximation Register (SAR) analog-to-digital converter. Figure 19. ADC characteristic and error definitions 2.26.2 Input impedance and ADC accuracy In the following analysis, the input circuit corresponding to the precise channels is considered. To preserve the accuracy of the A/D converter, it is necessary that analog input pins have low AC impedance. Placing a capacitor with good high frequency characteristics at the input pin of the device can (2) (1) (3) (4) (5) Offset error (EO) Offset error (EO) Gain error (EG) 1 LSB (ideal) 1023 1022 1021 1020 1019 1018 5 4 3 2 1 0 7 6 1 2 3 4 5 6 7 1017 1018 1019 1020 1021 1022 1023 (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential non-linearity error (DNL) (4) Integral non-linearity error (INL) (5) Center of a step of the actual transfer curve 1 LSB ideal = VDD_ADC / 1024 Vin(A) (LSBideal) code out |