| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358ADE4 Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358ADE4 Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 64 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-Mar-2022 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM2904VQPWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904V LM2904VQPWRG4 ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 L2904V LM358AD LIFEBUY SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADE4 LIFEBUY SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADG4 LIFEBUY SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (M6L, M6P, M6S, M6 U) LM358ADGKRG4 LIFEBUY VSSOP DGK 8 2500 RoHS & Green SN Level-1-260C-UNLIM 0 to 70 (M6L, M6P, M6S, M6 U) LM358ADR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 LM358A LM358ADRE4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358ADRG4 ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM358A LM358AP ACTIVE PDIP P 8 50 RoHS & Green NIPDAU | SN N / A for Pkg Type 0 to 70 LM358AP LM358APE4 ACTIVE PDIP P 8 50 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM358AP LM358APW ACTIVE TSSOP PW 8 150 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L358A LM358APWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L358A LM358APWRG4 ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L358A LM358BAIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 28DB LM358BAIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BAIPWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 L358BA LM358BIDDFR ACTIVE SOT-23-THIN DDF 8 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LM358 LM358BIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 358B LM358BIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LM358B LM358BIPWR ACTIVE TSSOP PW 8 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 LM358B |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |