Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

24LC64-I/P Datasheet(PDF) 29 Page - Microchip Technology

No. de pieza 24LC64-I/P
Descripción Electrónicos  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-I/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button 24LC64-I/P Datasheet HTML 25Page - Microchip Technology 24LC64-I/P Datasheet HTML 26Page - Microchip Technology 24LC64-I/P Datasheet HTML 27Page - Microchip Technology 24LC64-I/P Datasheet HTML 28Page - Microchip Technology 24LC64-I/P Datasheet HTML 29Page - Microchip Technology 24LC64-I/P Datasheet HTML 30Page - Microchip Technology 24LC64-I/P Datasheet HTML 31Page - Microchip Technology 24LC64-I/P Datasheet HTML 32Page - Microchip Technology 24LC64-I/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 29
24AA64/24FC64/24LC64
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018-P Rev E Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
E1
c
C
PLANE
.010
C
12
N
D
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51