Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VTM21-WC24 Datasheet(PDF) 2 Page - ETA-USA

No. de pieza VTM21-WC24
Descripción Electrónicos  15W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETA-USA [ETA-USA]
Página de inicio  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

VTM21-WC24 Datasheet(HTML) 2 Page - ETA-USA

  VTM21-WC24 Datasheet HTML 1Page - ETA-USA VTM21-WC24 Datasheet HTML 2Page - ETA-USA VTM21-WC24 Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15W
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
VTM-WC/D
Unit
MODEL/CHANNEL
Unit
MODEL/CHANNEL
-
-
-
-
Dimension
Environment
mm/g
Size(WxHxD) / Weight
Operating Temperature
Operating Humidity
Storage Temperature
Withstand Voltage
Vibration
%
%
Isolation Resistance
Shock
Cooling
-
-
Protection Over Current Protection
A
Over Voltage Protection
Input Voltage Range
Vdc
Vdc
Input Voltage 110V
Input Current
A
%
Efficiency
Reverse Voltage Protection
Unit
MODEL/CHANNEL
Input Voltage Range
Vdc
Vdc
Input Voltage 48V
%
Efficiency
Unit
MODEL/CHANNEL
Input Voltage Range
Vdc
Vdc
Input Voltage 24V
%
Efficiency
H
MTBF
H
MTBF
H
MTBF
VTM21-WD
VTM22-WD
VTM23-WD
VTM21-WC48
VTM22-WC48
VTM23-WC48
VTM21-WC24
VTM22-WC24
VTM23-WC24
0 to +50℃
-20 to +85°C
5-10Hz: 10mm double amplitude,10-55Hz:19.6m/s^2 20 minutes
period for 60 minutes each along X, Y, Z
294m/s^2
Convection
80W×118L×25H/250g
600,000
43 Fix
DC 24V
DC 19-32V
70
DC 48V
DC 38-63V
70
580,000
580,000
DC 110V
DC 85-140V
20A(maximum) at rated input/output
70
85%RH(non-condensing)
Primary-Secondary AC1,500V for 1 minute (Vin=110 2000)
Primary-Frame Ground AC1,500V for 1 minute (Vin=110 2000)
Secondary-Frame Ground AC500V for 1 minute
Primary-Secondary-Frame Ground 50MΩ(minimum) by DC500V
insulation tester
Current Limiting with automatic recovery
zener diode clamping
by internal fuse (Vin=110 by internal bridge diode)
-
Switching Frequency



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com