Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DG441LE Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza DG441LE
Descripción Electrónicos  16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LE Datasheet(HTML) 1 Page - Vishay Siliconix

  DG441LE Datasheet HTML 1Page - Vishay Siliconix DG441LE Datasheet HTML 2Page - Vishay Siliconix DG441LE Datasheet HTML 3Page - Vishay Siliconix DG441LE Datasheet HTML 4Page - Vishay Siliconix DG441LE Datasheet HTML 5Page - Vishay Siliconix DG441LE Datasheet HTML 6Page - Vishay Siliconix DG441LE Datasheet HTML 7Page - Vishay Siliconix DG441LE Datasheet HTML 8Page - Vishay Siliconix DG441LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
1
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16
, Low Charge Injection and Leakage,
+12 V / +5 V / +3 V / ± 5 V Quad SPST Switches
DESCRIPTION
The
DG441LE,
DG442LE
monolithic
quad
single-pole-single-throw analog switches are designed to
provide high speed, low error switching of analog signals.
The DG441LE has a normally closed function. The DG442LE
has a normally open function.
The DG441LE, DG442LE feature low charge injection of a
few picocoulombs over the full analog switch range.
Combining low on resistance (16
, typ.), low parasitic
capacitance (CD(ON) 15 pF), and fast switching speed
(tON, 18 ns, typ.), the devices are ideal for data acquisition,
sample-and-hold, and ADC input circuit designs.
The DG441LE, DG442LE operate on single and dual
supplies. Single supply voltage ranges from 3 V to 16 V while
dual supply operation is recommended with ± 3 V to ± 8 V.
Each switch conducts equally well in both direction when
on, and blocks input voltages up to the supply levels when
off.
The DG441LE, DG442LE are available in 16 lead TSSOP,
SOIC, and PDIP packages.
FEATURES
• 3 V to 16 V single supply or ± 3 V to ± 8 V dual
supply
• On-resistance RDS(on): 16 
• Fast switching tON: 18 ns,typ.
• Low parasitic capacitance:
CD(ON): 15 pF
CS(OFF): 5 pF
• Less than 8 pC charge injection over the full
signal swing range
• Low leakage: < 10 pA, typ.
• TTL, CMOS compatible
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
BENEFITS
• Wide operation voltage range
• Low signal errors and distortion
•Fast switching time
• Minimized switching glitch
APPLICATIONS
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
 0.8 V
Logic “1”
 2.4 V
Available
Available
Available
DG441LE / 442LE
Dual-In-Line, TSSOP and SOIC
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
Top View
9
TRUTH TABLE
LOGIC
DG441LE
DG442LE
0On
Off
1Off
On


Número de pieza similar - DG441LE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDJ-GE3 VISHAY-DG441LEDJ-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDQ-GE3 VISHAY-DG441LEDQ-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDQ-T1-GE3 VISHAY-DG441LEDQ-T1-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG441LEDY-GE3 VISHAY-DG441LEDY-GE3 Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
More results

Descripción similar - DG441LE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV.0
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
logo
Vishay Siliconix
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
25-Jul-16
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
25-Jul-16
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
16 Ω, Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
05-Aug-2019
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com