Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SI7983DP Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI7983DP
Descripción Electrónicos  Dual P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7983DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7983DP Datasheet HTML 1Page - Vishay Siliconix SI7983DP Datasheet HTML 2Page - Vishay Siliconix SI7983DP Datasheet HTML 3Page - Vishay Siliconix SI7983DP Datasheet HTML 4Page - Vishay Siliconix SI7983DP Datasheet HTML 5Page - Vishay Siliconix SI7983DP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 72637
S09-0272-Rev. B, 16-Feb-09
Vishay Siliconix
Si7983DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 600 µA
- 0.40
- 1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≥ - 5 V, VGS = - 4.5 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 12 A
0.014
0.017
Ω
VGS = - 2.5 V, ID = - 11 A
0.016
0.020
VGS = - 1.8 V, ID = - 4.1 A
0.020
0.024
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 12 A
41
S
Diode Forward Voltagea
VSD
IS = - 2.9 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 12 A
49
74
nC
Gate-Source Charge
Qgs
7.2
Gate-Drain Charge
Qgd
12.1
Gate Resistance
Rg
f = 1 MHz
8
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 10 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
35
55
ns
Rise Time
tr
60
90
Turn-Off Delay Time
td(off)
390
585
Fall Time
tf
190
285
Source-Drain Reverse Recovery Time
trr
IF = - 2.9 A, dI/dt = 100 A/µs
106
160
Output Characteristics
0
5
10
15
20
25
30
0
1234
5
VGS = 5 thru 2 V
1 V
1.5 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
5
10
15
20
25
30
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com