Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AL Datasheet(PDF) 12 Page - Sipex Corporation

No. de pieza SP674AL
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AL Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP674AL Datasheet HTML 6Page - Sipex Corporation SP674AL Datasheet HTML 7Page - Sipex Corporation SP674AL Datasheet HTML 8Page - Sipex Corporation SP674AL Datasheet HTML 9Page - Sipex Corporation SP674AL Datasheet HTML 10Page - Sipex Corporation SP674AL Datasheet HTML 11Page - Sipex Corporation SP674AL Datasheet HTML 12Page - Sipex Corporation SP674AL Datasheet HTML 13Page - Sipex Corporation SP674AL Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
14
STAND–ALONE MODE TIMING CHARACTERISTICS
Typical @ 25˚C, V
CC= +15V or +12V, VLOGIC = +5V, VEE =0V, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
tHRL Low R/C Pulse Width 2
50
ns
tDS
STS Delay from R/C 2
200
ns
tHDR Data Valid After R/C Low 2
25
ns
tHS
STS Delay After Data Valid 2
300
1000
ns
tHRH High R/C Pulse Width
150
ns
tDDR Data Access Time
150
ns
NOTES:
1.
Parameters guaranteed by design and sample tested.
2.
Parameters 100% tested @ 25˚C on special orders.
Figure 9. Low Pulse for R/C — Outputs Enabled After Conversion
R/C
STS
DB11–DB0
tHRL
DATA VALID
tDS
DATA VALID
tC
tHS
tHDR
Figure 10. High Pulse For R/C — Outputs Enabled While R/C is High, Otherwise High Impedance
R/C
STS
DB11–DB0
DATA VALID
tDS
tC
tHRH
HIGH–Z
HIGH–Z
tDDR
tHDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com