Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AT Datasheet(PDF) 6 Page - Sipex Corporation

No. de pieza SP674AT
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AT Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP674AT Datasheet HTML 2Page - Sipex Corporation SP674AT Datasheet HTML 3Page - Sipex Corporation SP674AT Datasheet HTML 4Page - Sipex Corporation SP674AT Datasheet HTML 5Page - Sipex Corporation SP674AT Datasheet HTML 6Page - Sipex Corporation SP674AT Datasheet HTML 7Page - Sipex Corporation SP674AT Datasheet HTML 8Page - Sipex Corporation SP674AT Datasheet HTML 9Page - Sipex Corporation SP674AT Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
8
R/C
CE
WAIT FOR
CONVERT SIGNAL
WAIT FOR
BUS READ
CONVERSION
VIN
CDAC VOLTAGE
0 VOLTS
t(ACQ)
ACQUISITION
TIME
ACQUISITION TIME =
APERTURE DELAY TIME =
0.12 x tCONVERT
the input which will upset the buffer output and
may add error to the conversion itself.
Furthermore, the isolation of the input after the
acquisition time in the HS574A/SP674A allows
the user an opportunity to release the hold on an
external sample-and-hold and start it tracking
the next sample. This will increase system
throughput with the user's existing components.
When using an external S/H, the HS574A/
SP674A acts as any other 574–type device be-
cause the internal S/H is transparent. The sample/
hold function in the HS574A/SP674A is inher-
ent to the capacitor DAC structure, and its timing
characteristics are determined by the internally
generated clock. However, for multiplexer op-
eration, the internal S/H may eliminate the need
for an external S/H. The operation of the S/H
function is internal to the HS574A/SP674A and
is controlled through the normal R/C control line
(refer to Figure 3). When the R/C line makes a
negative transition, the HS574A/SP674A starts
the timing of the sampling and conversion. The
first two clock cycles are allocated to signal
Figure 3. Sample–and–Hold Function
Figure 1. Aperture Uncertainty
acquisition of the input by the CDAC (this time
is defined as t
ACQ). Following these two cycles,
the input sample is taken and held. The A/D
conversion follows this cycle with the duration
controlled by the internal clock cycle, which is
determined by the specific product model. Note
that because the sample is taken relative to the
R/C transition, t
ACQ is also the traditional “aper-
ture delay” of this internal sample and hold.
Since
t
ACQ is measured in clock cycles, its
duration will vary with the internal clock
frequency. This results in T
ACQ = 2.9µ
sec
±1.1µsecs between units and over temperatures.
Offset, gain and linearity errors of the S/H cir-
cuit, as well as the effects of its droop rate, are
included in the overall specs for the HS574A/
SP674A.
USING THE SPX74A SERIES
Typical Interface Circuit
The HS574A/SP674A is a complete A/D con-
verter that is fully operational when powered up
and issued a Start Convert Signal. Only a few
external components are necessary.
Figure 4
depicts a typical interface circuit for operating
the HS574A/SP674A in a unipolar input mode.
Figure 5 depicts a typical interface circuit for
operating the HS574A/SP674A in a bipolar in-
put mode. Further information is given in the
following sections on these connections, but first
a few considerations concerning board layout to
achieve the best operation.
For each application of this device, strict atten-
tion must be given to power supply decoupling,
board layout (to reduce pickup between analog
∆VERROR
∆t
SAMPLE
POINT
∆VERROR = ∆t dv
dt
25pF
REQ = 4KΩ at any range.
T = REQ x CEQ = 100ns.
Figure 2. Equivalent SP574A Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com