Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP674AT883 Datasheet(PDF) 7 Page - Sipex Corporation

No. de pieza SP674AT883
Descripción Electrónicos  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AT883 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP674AT883 Datasheet HTML 3Page - Sipex Corporation SP674AT883 Datasheet HTML 4Page - Sipex Corporation SP674AT883 Datasheet HTML 5Page - Sipex Corporation SP674AT883 Datasheet HTML 6Page - Sipex Corporation SP674AT883 Datasheet HTML 7Page - Sipex Corporation SP674AT883 Datasheet HTML 8Page - Sipex Corporation SP674AT883 Datasheet HTML 9Page - Sipex Corporation SP674AT883 Datasheet HTML 10Page - Sipex Corporation SP674AT883 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
9
2
28
STS
DGND
12/8
CS
A0
R/C
CE
THREE–STATE BUFFERS AND CONTROL
NIBBLE A
NIBBLE B
NIBBLE C
27
26
25
24
23
22
21 20
19 18
17 16
OUTPUT BITS
MSB
LSB
3
4
5
6
CONTROL
LOGIC
OSCILLATOR
12–BITS
12–BITS
SAMPLE/HOLD
CDAC
LSB
MSB
OFFSET/GAIN
TRIM NETWORK
REF
REF
AMP
1µF
1
15
VLOGIC
+5V
711
VCC
1µF
9
AGND
+15V
NO CONNNECTION
PERMITTED
8
10
VREF
OUT
VREF
IN
R2
100Ω
R1
100K
100K
-15V
+15V
100Ω
10V
IN
20V
IN
BIP
OFF
13
14
12
ANALOG
INPUTS
0TO10V
0TO20V
12–BIT SAR
COMP
STROBE
Figure 4. Unipolar Input Connections
Figure 5. Bipolar Input Connections
2
28
STS
DGND
12/8
CS
A0
R/C
CE
THREE–STATE BUFFERS AND CONTROL
NIBBLE A
NIBBLE B
NIBBLE C
27
26
25
24
23
22
21 20
19 18
17 16
OUTPUT BITS
MSB
LSB
3
4
5
6
CONTROL
LOGIC
OSCILLATOR
12–BITS
12–BITS
SAMPLE/HOLD
CDAC
LSB
MSB
OFFSET/GAIN
TRIM NETWORK
REF
REF
AMP
1µF
1
15
VLOGIC
+5V
711
VCC
1µF
9
AGND
+15V
NO CONNECTION
PERMITTED
8
10
VREF
OUT
VREF
IN
100Ω
R1
10V
IN
20V
IN
BIP
OFF
13
14
12
ANALOG
INPUTS
12–BIT SAR
COMP
STROBE
100Ω
R2
±5V
±10V
and digital sections), and grounding. Digital
timing, calibration and the analog signal source
must be considered for correct operation.
To achieve specified accuracy, a double–sided
printed circuit board with a copper ground plane
on the component side is recommended. Keep
analog signal traces away from digital lines. It is
best to lay the PC board out such that there is an
analog section and a digital section with a single
point ground connection between the two through
an RF bead. If this is not possible, run analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com