Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5644BCFCLU1R Datasheet(PDF) 60 Page - NXP Semiconductors

No. de pieza MPC5644BCFCLU1R
Descripción Electrónicos  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU1R Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPC5644BCFCLU1R Datasheet HTML 56Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 57Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 58Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 59Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 60Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 61Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 62Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 63Page - NXP Semiconductors MPC5644BCFCLU1R Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
60
Table 26 shows the data flash memory program and erase characteristics.
Table 26. Data flash memory—Program and erase specifications
Symbol
C
Parameter
Value
Unit
Min
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program and erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Twprogram
CC
C
Word (32 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
—30
70
500
µs
T16Kpperase
16 KB block pre-program and erase time
—
700
800
5000
ms
Teslat
D Erase Suspend Latency
—
—
30
30
µs
tESRT
5
5 It is time between erase suspend resume and next erase suspend.
C Erase Suspend Request Rate
10
—
—
—
ms
tPABT
D Program Abort Latency
—
—
12
12
µs
tEAPT
D Erase Abort Latency
—
—
30
30
µs
Table 27. Flash memory module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
P/E
CC
C Number of program/erase cycles per
block for 16 Kbyte blocks over the
operating temperature range (TJ)
—
100,000
100,000 cycles
Number of program/erase cycles per
block for 32 Kbyte blocks over the
operating temperature range (TJ)
—
10,000
100,000 cycles
Number of program/erase cycles per
block for 128 Kbyte blocks over the
operating temperature range (TJ)
—
1,000
100,000 cycles
Retention CC
C Minimum data retention at 85 °C
average ambient temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with 0–1,000 P/E
cycles
20
—
years
Blocks with 10,000 P/E
cycles
10
—
years
Blocks with 100,000 P/E
cycles
5—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com